PART |
Description |
Maker |
HN27C256H HN27C256HFP-10T HN27C256HFP-85T HN27C256 |
256K (32K x 8-bit) UV and OTP EPROM, 70ns 256K (32K x 8-bit) UV and OTP EPROM, 85ns 256K (32K X 8-BIT) UV AND OPT EPROM
|
Hitachi Semiconductor
|
HM27C64G-15 |
8K x 8 CMOS EPROM Memory
|
Hitachi Semiconductor
|
HM27C101AG-10 |
128K x 8 CMOS EPROM Memory
|
Hitachi Semiconductor
|
HM27C301AG-10 |
128K x 8 CMOS EPROM Memory
|
Hitachi Semiconductor
|
AM27C040 AM27C040-120 AM27C040-120DCB AM27C040-120 |
4 Megabit (512 K x 8-Bit) CMOS EPROM SEAL,NEOPRENE,CYLINDRICAL CONNECTR& 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 120 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 4兆位12亩8位)的CMOS存储 Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 150 ns, CDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 512K X 8 OTPROM, 120 ns, PDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 120 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 90 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PQCC32 MEMORY KEY, USBFTV, SEALED, 1GB; Colour:Green; Series:USB FTV RoHS Compliant: No
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AT27C516 AT27C516-10 AT27C516-10JC AT27C516-10JI A |
Triple 2-Channel Analog Multiplexer/Demultiplexer 16-SSOP -40 to 85 32K X 16 OTPROM, 45 ns, PDSO40 Triple 2-Channel Analog Multiplexer/Demultiplexer 16-SOIC -40 to 85 32K X 16 OTPROM, 55 ns, PQCC44 Triple 2-Channel Analog Multiplexer/Demultiplexer 16-TVSOP -40 to 85 32K X 16 OTPROM, 55 ns, PDSO40 Triple 2-Channel Analog Multiplexer/Demultiplexer 16-PDIP -40 to 85 12k 32K的16检察官办公室的CMOS存储 512K 32K x 16 OTP CMOS EPROM 32K X 16 OTPROM, 85 ns, PQCC44 ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components- Fully Encapsulated- Efficiency to 70% Triple 2-Channel Analog Multiplexer/Demultiplexer 16-SO -40 to 85
|
Cypress Semiconductor, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MX27C8000A MX27C8000AMC-10 MX27C8000AMC-12 MX27C80 |
8M-BIT [1M x8] CMOS EPROM 1M X 8 OTPROM, 90 ns, PQCC32 JT 21C 21#16 SKT RECP 1M X 8 OTPROM, 90 ns, PDSO32 Single Output LDO, 100mA, Fixed(3.0V), Low Quiescent Current, Thermal Protection 5-SOT-23 1M X 8 OTPROM, 120 ns, PDSO32 8M-BIT [1M x8] CMOS EPROM 1M X 8 OTPROM, 120 ns, PQCC32 8M-BIT [1M x8] CMOS EPROM 1M X 8 OTPROM, 100 ns, PQCC32 8M-BIT [1M x8] CMOS EPROM 1M X 8 OTPROM, 90 ns, PDIP32
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
AT29C257 AT29C257-12 AT29C257-12JC AT29C257-12JI A |
256K 32K x 8 5-volt Only CMOS Flash Memory
|
ATMEL[ATMEL Corporation]
|
Z86E6116VSC Z86E6116PSC |
8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 Z86E61/Z86E63 CMOS Z8 16K/32K EPROM Microcontroller
|
ZILOG INC Zilog, Inc.
|
NM27C256NE100 |
262,144-Bit (32K x 8) High Performance CMOS EPROM 262,144位(32K的8)高性能CMOS存储
|
Fairchild Semiconductor, Corp.
|
CY9C62256 CY9C62256-70PC CY9C62256-70SC CY9C62256- |
32K x 8 Magnetic Nonvolatile CMOS RAM SPECIALTY MEMORY CIRCUIT, PDSO28
|
Cypress Semiconductor, Corp.
|
|